PART |
Description |
Maker |
TMPFBC264A TMPFBC264B TMPFBC264C TMPFBC264D TMPFBF |
TRANSISTOR | JFET | N-CHANNEL | 4.5MA I(DSS) | TO-236 TRANSISTOR | JFET | N-CHANNEL | 6.5MA I(DSS) | TO-236 TRANSISTOR | JFET | N-CHANNEL | 8MA I(DSS) | TO-236 TRANSISTOR | JFET | N-CHANNEL | 12MA I(DSS) | TO-236 TRANSISTOR | JFET | N-CHANNEL | 140MA I(DSS) | TO-236 TRANSISTOR | JFET | N-CHANNEL | 13MA I(DSS) | TO-236
|
|
2SJ109BL 2SJ109V 2SJ109GR |
TRANSISTOR | JFET | P-CHANNEL | DUAL | 6MA I(DSS) | ZIP TRANSISTOR | JFET | P-CHANNEL | DUAL | 10MA I(DSS) | ZIP Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset TRANSISTOR | JFET | P-CHANNEL | DUAL | 6MA I(DSS) | ZIP 晶体管|场效应| P通道|双| 6MA我(直)|邮编 TRANSISTOR | JFET | P-CHANNEL | DUAL | 10MA I(DSS) | ZIP 晶体管|场效应| P通道|双| 10mA的我(直)|邮编
|
Electronic Theatre Controls, Inc. Toshiba, Corp.
|
MMBT6517LT1 MMBT6517LT1_D ON2130 |
From old datasheet system Motorola Preferred Device High Voltage Transistor
|
MOTOROLA[Motorola, Inc] MOTOROLA[Motorola Inc] ON Semi
|
MMBT5087LT1 MMBT5087LT1D MMBT5087LT3 MMBT5087LT1_D |
Low Noise Transistor Motorola Preferred Device From old datasheet system
|
MOTOROLA[Motorola, Inc] ONSEMI[ON Semiconductor]
|
DDTB122LC-7-F DDTB142JC DDTB142TC DDTB122LC2 DDTB1 |
Prebiased Transistors PNP PRE-BIASED 500 mA SURFACE MOUNT TRANSISTOR PNP PRE-BIASED 500 mA SOT-23 SURFACE MOUNT TRANSISTOR 500 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Diodes Incorporated Diodes, Inc.
|
AD8224 AD8224_07 AD8224ACPZ-R7 AD8224ACPZ-RL AD822 |
The AD8224 is the first single-supply junction field effect transistor (JFET) input instrumentation Precision, Dual-Channel, JFET Input Rail-to-Rail Instrumentation Amplifier
|
AD[Analog Devices]
|
DDTA122LE-7-F DDTA122TE-7-F DDTA142JE-7-F |
PNP PRE-BIASED 100 mA SOT-523 SURFACE MOUNT TRANSISTOR 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR PNP PRE-BIASED 100 mA SOT-523 SURFACE MOUNT TRANSISTOR 进步党预偏置100毫安的SOT - 523表面贴装晶体
|
Diodes Inc. Diodes, Inc.
|
DDTC114YE-7-F DDTC123YE-7-F DDTC143ZE-7-F DDTC113Z |
NPN PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR 70 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR NPN PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR NPN PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR 30 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR Prebiased Transistors
|
Diodes, Inc.
|
DDTC113TUA DDTC123TUA DDTC113TUA2 DDTC113TUA-7-F D |
NPN PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR NPN PRE-BIASED SMALL SIGNAL SOT-323 SURFACE MOUNT TRANSISTOR 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Diodes Incorporated Diodes, Inc.
|
DDTB113ZC-7-F DDTB114GC-7-F DDTB114EC-7-F DDTB113E |
PNP PRE-BIASED 500 mA SOT-23 SURFACE MOUNT TRANSISTOR 500 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR PNP PRE-BIASED 500 mA SOT-23 SURFACE MOUNT TRANSISTOR 500 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR Prebiased Transistors
|
Diodes, Inc.
|
DDTA144VUA DDTA113ZUA2 DDTA144WUA DDTA144VUA-7-F D |
PNP PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR PNP PRE-BIASED SMALL SIGNAL SOT-323 SURFACE MOUNT TRANSISTOR 30 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Diodes Incorporated Diodes, Inc.
|
DCX114EK DCX123JK DCX124EK DCX124EK2 DCX124EK-7-F |
DUAL COMPLEMENTARY PRE-BIASED TRANSISTOR TRANS PREBIAS DUAL COMP SOT-26 100 mA, 50 V, 2 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR
|
Diodes Incorporated
|